Part Number Hot Search : 
SS210A 42827 DS2223Y 78L05B REEL7 42827 REEL7 MOX4002
Product Description
Full Text Search

CCM02-MKI - Smart Card

CCM02-MKI_1135129.PDF Datasheet


 Full text search : Smart Card


 Related Part Number
PART Description Maker
NCN6804 Dual Smart Card Interface with SPI Programming Interface
Dual Smart Card Interface IC
ON Semiconductor
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available:
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM.
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM
Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
Atmel
CCM04-MKII Smart Card
ITT[ITT Industries]
73S8023C-IMR/F3 Smart Card Interface
MAXIM - Dallas Semiconductor
DS8023 Smart Card Interface
Maxim Integrated Products
SCS-4-08-NC-SG-X SMART CARD SOCKET
Adam Technologies, Inc.
NCN8024R Smart Card Interface IC
ON Semiconductor
NCN8024 NCN8024DTBR2G NCN8024DWR2G Smart Card Interface IC
ON Semiconductor
73S8010C Smart Card Interface
Teridian Semiconductor
TDA8034HN Smart Card Interface
Philips Semiconductors
NCN6000DTBR2 NCN6000DTBR2G NCN6000DTBG NCN6000 NCN Compact Smart Card Interface IC
ONSEMI[ON Semiconductor]
 
 Related keyword From Full Text Search System
CCM02-MKI datasheet CCM02-MKI lcd CCM02-MKI port CCM02-MKI state CCM02-MKI power
CCM02-MKI step-down converter CCM02-MKI 中文网站 CCM02-MKI 参数查询 CCM02-MKI Channel CCM02-MKI 替换表
 

 

Price & Availability of CCM02-MKI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.29882192611694